PART |
Description |
Maker |
OSC27-6-1 OSC27-6-2 OSC27-6-3 |
8 PIN, 384B STD FLASH, 16 RAM, 4 I/O, -40C to 125C, 8-DFN, T/R 8 PIN, 384 B STD FLASH, 16 RAM, 4 I/O, -40C to 85C, 8-DFN, T/R 6-Pin, 8-Bit Flash Microcontrollers, -40C to 125C, 6-SOT-23, BAG 模拟IC
|
KOA Speer Electronics,Inc.
|
PIC16F873A-I/SO PIC16F873A-I/SP PIC16F876A PIC16F8 |
28/40-pin Enhanced FLASH Microcontrollers 28/40-pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology Inc.
|
MB84VB2000-10 MB84VB2001 MB84VB2001-10 |
PT 8C 8#20 PIN RECP 1M X 8 FLASH 3V PROM, 100 ns, PBGA48 8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
PIC12F508-EP PIC12F508-ISN PIC12F508T-EP PIC16F505 |
8/14-Pin, 8-Bit Flash Microcontrollers 8/14-Pin, 8-Bit Flash Microcontrollers106
|
Microchip Technology
|
PIC18F4523-I/ML PIC18F4523T-I/ML PIC18F4523-I/PT P |
28/40/44-Pin, Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology 28/40/44-Pin,增强型闪存微控制器A / D和纳瓦技12
|
Microchip Technology Inc. Microchip Technology, Inc.
|
PIC18LF8720-I/PT PIC18F8720-IPTSQTP PIC18F8720-IPT |
8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PQFP80 64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
|
Micrel Semiconductor
|
PIC18F4410-I_P PIC18F2415-I_PT PIC18F2415-I_SO PIC |
28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology 28/40/44-Pin Flash Microcontrollers
|
Microchip Technology
|
PIC16F630 PIC16F676 PIC12F630 PIC16F676PIC16F630 1 |
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers (PIC12F676 / PIC12F630) 14-Pin Flash Based 8-Bit CMOS Microcontrollers IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,14PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
HY29LV160TT-12 HY29LV160TF-12 HY29LV160TT-70 HY29L |
16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PDSO48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
PIC32MX4XXF128HT-80IMR PIC32MX4XXF128HT-80IPT PIC3 |
64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP64 10 X 10 MM, 1 MM HEIGHT, LEAD FREE, PLASTIC, TQFP-64
|
Microchip Technology Fujitsu, Ltd.
|